Part Number Hot Search : 
10M162J HE721C EPA1951G 827M0 15C30 35100 CM542 PR100
Product Description
Full Text Search
 

To Download AX12260VEA-500-ET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 129 ax12260 amd lx pc/104 cpu module with vga/ ttl, usb dom and pc/104-plus expansion low power fanless amd lx800 processor amd cs5536ad 4 usb 2.0 ports for high speed peripherals & dom pc/104-plus slot for 16-bit isa, 1 x 32-bit pci expansion i/o system mio 1 x ide; pata-100 1 x ps/2 keyboard & mouse 1 x ps/2 mouse 2 x rs-232 sata n/a hardware monitoring detect cpu/system temperature and voltage ethernet 1 port as 10/100mbps supports wake-on-lan, rpl/pxe boot rom with realtek rtl8139dl audio ac'97 codec audio as mic-in/line-in/line-out/speaker-out with realtek alc203 usb 4 x usb 2.0 smbus system management bus for advanced monitoring/control digital i/o 8 channels in/out programmable cpu amd lx800 processor onboard system memory 1 x 200-pin so-dimm supports ddr-333/400 max. up to 1 gb chipset amd cs5536ad bios phoenix-award ssd 1 x usb dom watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pci-104 for 32-bit pci supports 3 bus masters 1 x pc/104 for 16-bit isa bus battery lithium 3v/220 mah power input 1 x 4-pin phoenix connector +5v dc-in only power requirements amd lx800, 1gb ddr 400 max. rms: 5v @ 1.846a size 96 x 90 mm board thickness 1.6 mm operating standard: 0 ~ +60c (32f ~ 140f) temperature optional: -40c ~ +85c (-40f ~ +185f) relative humidity 10% ~ 95% relative humidity, non-condensing features rear view ordering information packing list standard ax12260vea-500 (p/n: e112260100) pc/104 cpu module with amd lx800 500 mhz cpu, vga/ttl, 10/100mbps ethernet, ac'97 audio and 2 com ports optional AX12260VEA-500-ET (p/n: e112260102) pc/104 cpu module with amd lx800 500 mhz cpu, vga/ttl, 10/100mbps ethernet, ac'97 audio, 2 com ports and w.t. (-40c ~ +85c) * w.t.: wide temperature standard quick installation guide, user's manual/utility cd, cable cable part number description qty 59484500010e 44-44-40 pin ide cable l=200mm+200mm 1 59382631000e 2xusb 2.0 wafer cable w/ bracket, l=180mm 1 59386831000e usb cable w/ bracket, usb x 2, 2 x 5p, p=2.54, l=175mm 1 59312260020e audio cable w/ bracket, p=1.25, l=450mm 1 59412260010e ps/2 cable, p=1.25, 6p to ps/2, l=150mm 1 59312260010e com port x 2 w/ bracket, p=1.25, l=250mm 1 59412260000e atx power cable, 4p+5p+6p, l=150mm 1 59312260000e vga cable, db15p, p=1.25, 12p, l=200mm 1 59093201000e ax93201 to ax93202 lan cable, l=200mm 1 ddr sodimm e xtended t emperature fanless low p ower usb 1/2 pci104 ethernet usb 3/4 ttl lcd pc/104 power input 1 audio ide vga com 1 com 2 12vdc input for pc/104 or pci104 module power input 2 for power button k/b+m/s display chipset amd lx intergrated memory size 8 channels in/out programmable display interface 1 x vga 1 x ttl lcd; max up to 24-bit


▲Up To Search▲   

 
Price & Availability of AX12260VEA-500-ET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X